Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4019 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4019
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4019 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4019 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4019 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4019 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
IST4019
www.iscsemi.com
1
FEATURES
· With TO-3P package
· Suitable for general purpose AC switching. Which can be used
as an ON/OFF function in applications such as static relays, heating
regulation,induction motor starting circuits. Or for phase control
operation in light dimmers, motor speed controllers etc
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
Non Repetitive Surge Peak On-state Current (TC ≤88°C)
60
A
ITSM
Non-repetitive Peak On-state Current (full cycle , tp=20ms , TJ=25℃)
600
A
I2t
I2t Value for Fusing (t=10ms)
1800
A2S
dI/dt
Critical Rate of Rise of On-state Current
(IG=2×IGT , f=100Hz , TJ=125℃)
100
A/μs
IGM
Peak Gate Current (tp=20μs , TJ=125℃)
8
A
PG(AV)
Average Gate Power Dissipation TJ = 125°C
0.5
W
TJ
Operating Junction Temperature
-40-125
℃
Tstg
Storage Temperature
-40~150
℃


Similar Part No. - IST4019

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4017 ISC-IST4017 Datasheet
323Kb / 3P
Thyristor
More results

Similar Description - IST4019

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com