Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C41AP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF84C41AP
Description  Telecom microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C41AP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF84C41AP Datasheet HTML 1Page - NXP Semiconductors PCF84C41AP Datasheet HTML 2Page - NXP Semiconductors PCF84C41AP Datasheet HTML 3Page - NXP Semiconductors PCF84C41AP Datasheet HTML 4Page - NXP Semiconductors PCF84C41AP Datasheet HTML 5Page - NXP Semiconductors PCF84C41AP Datasheet HTML 6Page - NXP Semiconductors PCF84C41AP Datasheet HTML 7Page - NXP Semiconductors PCF84C41AP Datasheet HTML 8Page - NXP Semiconductors PCF84C41AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Nov 20
5
Philips Semiconductors
Product specification
Telecom microcontrollers
PCF84C21A; PCF84C41A;
PCF84C81A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
PCF84C21A
PCF84C41A
PCF84C81A
P2.2
SDA/P2.3
SCLK
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
T1
VSS
INT/T0
V DD
P2.1
P2.0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
RESET
XTAL2
XTAL1
MBB562
5.2
Pin description
Table 1
DIP28 and SO28 packages
SYMBOL
PIN
FUNCTION
P2.2
1
1 bit of Port 2: 4-bit
quasi-bidirectional I/O port
SDA/P2.3
2
bidirectional data line of the
I2C-bus interface, or 1 bit of
Port 2: 4-bit quasi-bidirectional
I/O port
SCLK
3
bidirectional clock line of the
I2C-bus interface
P0.0 to P0.7 4 to 11
8 bits of Port 0: 8-bit
quasi-bidirectional I/O port
INT/T0
12
Interrupt/Test 0
T1
13
Test 1/count input of 8-bit
timer/event counter 1
VSS
14
ground
XTAL1
15
crystal oscillator input or
external clock input
XTAL2
16
crystal oscillator output
RESET
17
Reset input
P1.0 to P1.7 18 to 25 8 bits of Port 1: 8-bit
quasi-bidirectional I/O port
P2.0 to P2.1 26 to 27 2 bits of Port 2: 4-bit
quasi-bidirectional I/O port
VDD
28
positive supply
6
INSTRUCTION SET
ROM is restricted to 2 kbytes for the PCF84C21A and
4 kbytes for the PCF84C41A. Therefore, the instructions
SEL MB1/2/3 for the PCF84C21A, and the instructions
SEL MB2/3 for the PCF84C41A should be avoided, as
they would define non-existing program memory banks.
As RAM is limited to 64 bytes for the PCF84C21A and to
128 bytes for the PCF84C41A, care should be taken to
avoid accesses to non-existing RAM locations.
See the “
PCF84CxxxA family” data sheet for a complete
description of the instruction set.
7
HIGH SINK OUTPUT CURRENTS
The Port 1 outputs of these devices are designed for high
current drive in the logic 0 state. They are capable of
driving 10 mA loads and higher. Applications include drive
for small relays and light-emitting diodes (LEDs).
To avoid overload, care should be taken that the total
Port 1 current averages less than 80 mA, i.e. an average
of 10 mA per Port 1 line. Refer to Chapter “Limiting values”
which specifies an upper limit of 100 mA for ISS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com