Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02Y0 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02Y0
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02Y0 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02Y0 Datasheet HTML 1Page - Balluff Korea Ltd. BES02Y0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M18EF1-NSC20F-S04G-S
Order Code: BES02Y0
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 258119
ETIM 6.0: EC002714
BES02Y0_0.79_2023-12-20
2 / 2
Material
Housing material
1.4305 stainless steel
Material sensing surface
1.4305 stainless steel
Mechanical data
Dimension
Ø 18 x 63.5 mm
Installation
non-flush
Pressure rating max.
60 bar
Pressure rating, note
Pressure-resistant
Size
M18x1
Tightening torque
50 Nm ±10 %
Range/Distance
Assured operating distance Sa
16.2 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
20 mm
Real switching distance sr
20 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Installation permitted only in clamp without positive stop.
When installing in metal see Installation Instructions 939231.
LED flashes between 100% and approx. 70% of Sr
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com