Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02Y2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02Y2
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02Y2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02Y2 Datasheet HTML 1Page - Balluff Korea Ltd. BES02Y2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M18EG1-NSC10Z-S04G-S11
Order Code: BES02Y2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 258121
ETIM 6.0: EC002714
BES02Y2_0.71_2023-02-20
2 / 2
Interface
Switching output
NPN normally open (NO)
Material
Housing material
Stainless steel
Material sensing surface
Stainless steel
Mechanical data
Dimension
Ø 18 x 63.5 mm
Installation
for flush mounting
Pressure rating max.
60 bar
Pressure rating, note
Pressure-resistant
Size
M18x1
Tightening torque
50 Nm ±10 %
Range/Distance
Assured operating distance Sa
8.1 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
10 mm
Real switching distance sr
10 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
When installing in metals the switching distance may be reduced by up to 50%. Installation Instructions 841020.
LED flashes between 100% and approx. 70% of Sr
Installation permitted only in clamp without positive stop.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com