Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C81AP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF84C81AP
Description  Telecom microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C81AP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF84C81AP Datasheet HTML 8Page - NXP Semiconductors PCF84C81AP Datasheet HTML 9Page - NXP Semiconductors PCF84C81AP Datasheet HTML 10Page - NXP Semiconductors PCF84C81AP Datasheet HTML 11Page - NXP Semiconductors PCF84C81AP Datasheet HTML 12Page - NXP Semiconductors PCF84C81AP Datasheet HTML 13Page - NXP Semiconductors PCF84C81AP Datasheet HTML 14Page - NXP Semiconductors PCF84C81AP Datasheet HTML 15Page - NXP Semiconductors PCF84C81AP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1996 Nov 20
12
Philips Semiconductors
Product specification
Telecom microcontrollers
PCF84C21A; PCF84C41A;
PCF84C81A
Fig.15 Slave SCLK receiver SDA/P2.3 timing (SCLK and SDA/P2.3 are inputs).
MBB568
0.7 V DD
0.3 VDD
0.7 V DD
0.3 VDD
t SU;STO
t FD
t FC
t LOW
t HD;DAT
t SU;DAT
t RC
t RD
HIGH
t
t HD;STA
t BUF
SCLK
SDA/P2.3
Fig.16 Master SCLK and transmitter SDA/P2,3 timing (SCLK and SDA/P2.3 are outputs).
MBB569
t SU;STO
t FC
t LOW
t HD;DAT
t SU;DAT
HIGH
t
t HD;STA
SCLK
SDA/P2.3
t FD
acknowledge bit
t HD;DAT
t HD;DAT
0.9 VDD
VOLmax
0.9 V DD
VOLmax
t SU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com