Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS0909E48H0-R1 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd

Part # PKMCS0909E48H0-R1
Description  Piezoelectric Sounders / Buzzers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS0909E48H0-R1 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd

Back Button PKMCS0909E48H0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd PKMCS0909E48H0-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document No. JGB40-1639
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 10/11
12.使用上の注意
Cautions for Use
12-1 本体に規格以上の衝撃が印加された場合、不具合を生じることがありますので、取扱い
には十分にご注意下さい。
The component may be damaged if mechanical stress over this specification is applied.
12-2 落下衝撃,熱衝撃によりサージ電圧が発生しますので、回路設計には十分ご注意下さい。
Please pay attention to protect operating circuit from surge voltage provided by
something of force such as falling, shock and temperature changing.
12-3本体に直流電圧を印加された場合、シルバーマイグレーションによる不具合を生じる
ことがありますので、回路設計には十分注意して下さい。
Please pay attention never to be applied DC voltage to component. There is possibility
that silver migration will occur.
12-4 IC等により駆動する際、安定鳴動及びIC保護用にIC出力端と本体に直列抵抗約1k~2kΩ
を挿入するか、本体と並列にダイオードを挿入して、ご使用下さい。
The resistor should be used as shown in Fig. A. A suitable resistance value should be
chosen, preferably 1k
 to 2k. Instead of this measure, a diode may also be applied as
shown in Fig. B.
12-5 本体は密閉構造ではありませんので洗浄できません。
Washing of the component is not acceptable, because it is not sealed.
12-6 エアガン等で近距離から製品に直接高圧エアを吹き付けないで下さい。
High pressure air should not be blown on the component directly at short range by air
gun or equivalent.
12-7
実装時に放音孔を吸着しないようにして下さい。
Please do not adsorb the sound emitting hole when the component is mounted.
12-8
当製品はMSL(Moisture Sensitivity Level)3, FLOOR LIFE TIME 168時間, 条件30゚C以下
60%RHです。
This product is MSL 3.
FLOOR LIFE TIME is 168 hours. (≦30゚C / 60%RH)
12-9
当製品はリフロー実装の熱ストレスによる信頼性劣化を防止するため、アルミパック
包装・湿度インジケータ同梱注意ラベル表示を行っております。リフロー実装する場合
は、御手数ながらアルミパック包装開封後、防湿雰囲気内(30゚C, 60%RH以下)で保管
して頂くと共に、168時間以内にリフローはんだ実装をお願いします。
The components, packed in the moisture-proof bag (dry pack) with the Humidity.
Indicator Card and Caution Label are sensitive to moisture. The following treatment is
required before applying re
–flow soldering, to avoid reliability degradation caused by
thermal stress. When unpacked, store the component in an atmosphere of below 30゚C
and below 60% R.H., and solder within 168 hours.
IC
IC
Fig.A
Fig.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com