Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M191 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M191
Description  AC/DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M191 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M191 Datasheet HTML 1Page - Enercon Technologies Europe AG M191 Datasheet HTML 2Page - Enercon Technologies Europe AG M191 Datasheet HTML 3Page - Enercon Technologies Europe AG M191 Datasheet HTML 4Page - Enercon Technologies Europe AG M191 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Oct 18, 2021
|
Rev g
|
Doc: DS_M191 Series
M191 SERIES AC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military, Airborne, Mobile, Ruggedized, Telecom, Industrial Power Supply
Special Features
• Miniature size
• High efficiency
• Wide input range
• Input / Output isolation
• Output groups float from each other
• Fixed switching frequency
• EMI filters included
• Remote inhibit (TTL Level, Floating)
• Turn-on sequencing (option)
• BIT signal indicates outputs' status
• Limited inrush current
• Non-latching protections:
o Overload / short-circuit
o Over Temperature
Environmental Conditions
Meets or exceeds MIL-STD-810D
• Temperature:
Operating: –55 C to +85 C
(Colling surface) Storage: –55 C to
+85 C
• Random Vibration IAW MIL-STD-810D Method
514.3, Procedure I, Category 7B Fig. D
Reliability
100,000 hours, calculated per MIL-STD-217F
Notice 2 at +85 C (Colling surface), Ground Fixed.
Frequency
[Hz]
PSD [g2/Hz]
Remarks
15 to 120
0.04
120 to 300
Rise to 0.04
4dB/oct
300 to 1000
0.14
1000 to 200
Decrease by
6dB/oct
Electrical Specifications
INPUT
AC version input voltage range:
Steady-state: 103 to
127 Vrms,l-n, 400 Hz, 3-Phase
Transients: 80 Vrms / 100 ms;
180 Vrms / 100 ms
DC version input voltage range:
Steady-state: 220 to 350 VDC
Transients: 160 VDC / 100 ms;
440 VDC / 100 ms Efficiency:
up to 82%
EMC: Designed to meet*
MIL-STD-461F CE102,
CS101, CS114, CS115,
RS102, RS103
Isolation:
Input to Output: > 10 MΩ @ 500 VDC
Input to Chassis: > 10 MΩ @ 500 VDC
DC OUTPUTS (All floating from each other)
Output voltage regulation:
Less than ±3% (0 to full load, –55 C to +85 C)
Ripple and Noise: 50 mVp-p,
typical (max. 1% of typical
output voltage)
Current limiting:
Continuous
protection for
unlimited time Over-
Voltage Protection:
Passive transorbs on outputs.
Isolation:
Output to Chassis: > 1 MΩ @ 100 VDC
* Compliance achieved with shielded cables.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com