Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M714 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M714
Description  DC/DC POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M714 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M714 Datasheet HTML 1Page - Enercon Technologies Europe AG M714 Datasheet HTML 2Page - Enercon Technologies Europe AG M714 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Nov 2, 2021
|
Rev d
|
Doc: DS_M714 Series
M714 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
APPLICATIONS
Military, Ruggedized, Telecom, Industrial
SPECIAL FEATURES
•
Miniature size
•
High efficiency
•
Wide input range
•
Up to 15 W/IN
•
Input / Output isolation
•
Fixed switching frequency (250KHz)
•
TTL logic enable
•
EMI/RFI filters included
•
Indefinite short circuit protection with auto-recovery
•
Input over-voltage shutdown with auto-recovery
•
Over temperature shutdown with auto-recovery
ENVIRONMENTAL
Meets or exceeds MIL-STD-810D Temperature:
Operating -55°C to +85°C (baseplate)
Storage -55°C to +125°C
RELIABILITY
150'000 hours, calculated per
MIL-STD-217F at +85°C baseplate, ground fixed.
* Specifications are subject to change without prior notice by the
manufacturer
ELECTRICAL SPECIFICATIONS
DC INPUT
DC input range: 18 to 48 VDC
Input transient protection:
All models meet or exceed (no damage) MIL-STD-
1275A (100V for 50mSec) and
MIL-STD-704A, MIL-STD-704D (80V for 0.1Sec)
Over-voltage shutdown with autorecovery
Efficiency: up to 82%
EMI/RFI:
Design to meet or exceed MIL-STD-461C
CE03, CE07, CS01, CS02, CS06, RE02, RS02, RS03
Isolation:
200V between Input and Output 200V between Input
and Case
DC OUTPUT (floating)
Line /load regulation:
Less than 2% (no load to full load, -55°C to +85°C)
Ripple and noise: 50mVp-p, typical (max. 1%)
Current limiting (Hiccup):
Continuous protection for unlimited time.
Over voltage protection:
Passive transzorb on output.
Over temperature protection:
Shutdown at baseplate temperature of +100°C (±5°C)
Automatic recovery at baseplate temperature lower
than +90°C (±5°C)
Isolation:
200V between Output and Input
100V between Output and Case
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com