Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M802 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M802
Description  DC/DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M802 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M802 Datasheet HTML 1Page - Enercon Technologies Europe AG M802 Datasheet HTML 2Page - Enercon Technologies Europe AG M802 Datasheet HTML 3Page - Enercon Technologies Europe AG M802 Datasheet HTML 4Page - Enercon Technologies Europe AG M802 Datasheet HTML 5Page - Enercon Technologies Europe AG M802 Datasheet HTML 6Page - Enercon Technologies Europe AG M802 Datasheet HTML 7Page - Enercon Technologies Europe AG M802 Datasheet HTML 8Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Dec 20, 2022
|
Rev g
|
Doc: DS_M802 Series
M802 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military (airborne, shipboard, mobile), Ruggedized, Telecom, Industrial Power Supply
Special Features
•
Miniature size
•
High efficiency
•
Wide input range
•
Input / Output isolation
•
Fixed switching frequency (250 kHz)
•
External synchronization capability
•
TTL logic enable
•
EMI filters included
•
Non-latching protections:
Overload/short-circuit protection
Input over/under-voltage lockout
Over temperature protection
Environmental Conditions
Meets MIL-STD-810G
Temperature:
Operating: –55 C to +85 C (baseplate)
Storage: –55 C to +125 C
Reliability
150,000 hours, calculated IAW
MIL-HDBK-217F at +85 C baseplate,
Ground Fix conditions.
Electrical Specifications
DC INPUT
Voltage range: 18 to 70 VDC
Abnormal transients: Protected
from
transients IAW MIL-STD-1275A (100 V /
50 ms) and MIL-STD-704A (80 V /
0.1 s) Efficiency: Up to 80%
EMC: Designed to meet MIL-STD-461F*
CE101, CE102, CS101, CS114, CS115,
CS116, RE101, RE102, RS101, RS103
Isolation:
Input to Output:
200 VDC Input to Case:
200 VDC
DC OUTPUTS (groups floating)
Output voltage regulation: Less than ±1%
(no load to full load, –55 C to +85 C)
Ripple and Noise: 50 mVp-p, typ. (max.
1%)
Current limiting:
Continuous protection for unlimited
time Over voltage protection:
Passive transorbs on outputs.
Over temperature protection:
Shutdown if baseplate temperature exceeds
+105 C ± 5 C; Automatic recovery upon
baseplate cooldown to below +95 C ±
5 C. Isolation:
Output to Case: 100 VDC
*EMC compliance achieved when tested with 5 μH LISNs, shielded harness and static resistive load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com