Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30M75SLL Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT30M75SLL
Description  POWER MOS 7 R MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30M75SLL Datasheet(HTML) 4 Page - Advanced Power Technology

  APT30M75SLL Datasheet HTML 1Page - Advanced Power Technology APT30M75SLL Datasheet HTML 2Page - Advanced Power Technology APT30M75SLL Datasheet HTML 3Page - Advanced Power Technology APT30M75SLL Datasheet HTML 4Page - Advanced Power Technology APT30M75SLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT30M75BLL - SLL
1mS
100µS
TC=+25°C
TJ =+150°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
10
100
300
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
0.3
0.5
0.7
0.9
1.1
1.3
1.5
176
100
10
1
16
12
8
4
0
VDS=150V
VDS=60V
VDS=240V
I
D
= 44A
TJ =+150°C
TJ =+25°C
Crss
Ciss
Coss
V
DD
= 200V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
I
D
(A)
I
D
(A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G
, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
10mS
20,000
10,000
1,000
100
10
200
100
10
1
5
15
25
35
45
55
65
75
5
15
25
35
45
55
65
75
5
15
25
35
45
55
65
75
0
5
10
152025
30
35 404550
V
DD
= 200V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
V
DD
= 200V
R
G
= 5
Ω
T
J
= 125°C
L = 100µH
E
ON
includes
diode reverse recovery.
V
DD
= 200V
I
D
= 44A
T
J
= 125°C
L = 100µH
E
ON
includes
diode reverse recovery.
50
40
30
20
10
0
800
600
400
200
0
70
60
50
40
30
20
10
0
800
700
600
500
400
300
200
100
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com