Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02YC Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02YC
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02YC Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02YC Datasheet HTML 1Page - Balluff Korea Ltd. BES02YC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M30EE1-PSC40F-S04G-S
Order Code: BES02YC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 258123
ETIM 6.0: EC002714
BES02YC_0.79_2023-02-20
2 / 2
Material
Housing material
Stainless steel
Material sensing surface
1.4305 stainless steel
Mechanical data
Dimension
Ø 30 x 63.5 mm
Installation
non-flush
Pressure rating max.
40 bar
Pressure rating, note
Pressure-resistant
Size
M30x1.5
Tightening torque
80 Nm ±10 %
Range/Distance
Assured operating distance Sa
32 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
40 mm
Real switching distance sr
40 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Installation permitted only in clamp without positive stop.
When installing in metal see Installation Instructions 939231.
LED flashes between 100% and approx. 70% of Sr
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com