Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548U/2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8548U/2
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548U/2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8548U/2 Datasheet HTML 32Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 33Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 34Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 35Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 36Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 37Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 38Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 39Page - NXP Semiconductors PCF8548U/2 Datasheet HTML 40Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
1999 Aug 16
37
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
22 TRAY INFORMATION
Fig.25 Tray details.
handbook, full pagewidth
MGS423
D
C
A
x
y
F
E
B
The dimensions are given in Table 10.
Table 10 Dimensions
Fig.26 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of
the IC type name on the die surface with respect to the chamfer on
the upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
handbook, halfpage
MGS424
DIM.
DESCRIPTION
VALUE
A
pocket pitch, x direction
13.77 mm
B
pocket pitch, y direction
4.45 mm
C
pocket width, x direction
11.09 mm
D
pocket width, y direction
2.3 mm
E
tray width, x direction
50.8 mm
F
tray width, x direction
50.8 mm
x
number of pockets in
x direction
3
y
number of pockets in
y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com