Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02ZC Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02ZC
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02ZC Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02ZC Datasheet HTML 1Page - Balluff Korea Ltd. BES02ZC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M18EP1-USU50S-S21G-S
Order Code: BES02ZC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 129968
ETIM 6.0: EC002714
BES02ZC_0.5_2023-02-20
2 / 2
Interface
Switching output
normally open (NO)
Material
Housing material
Stainless steel
Material sensing surface
Stainless steel
Mechanical data
Dimension
Ø 18 x 90 mm
Installation
for flush mounting
Size
M18x1
Tightening torque
30 Nm
Range/Distance
Assured operating distance Sa
4 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
5 mm
Real switching distance sr
5 mm
Repeat accuracy max. (% of Sr)
2.0 %
Tolerance Sr
±10 %
Remarks
LED 1: Function
LED 2: Power, flashes when there is overload.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com