Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148-G Datasheet(PDF) 1 Page - Comchip Technology

Part # LL4148-G
Description  Small-Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

LL4148-G Datasheet(HTML) 1 Page - Comchip Technology

  LL4148-G Datasheet HTML 1Page - Comchip Technology LL4148-G Datasheet HTML 2Page - Comchip Technology LL4148-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage:100V
Forward Current: 150 mA
L
L4148-G
MDS0209003A
Page 1
Parameter
Symbol
Limit
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward DC Current at Tamb = 25°C
(1)
IF
200
mA
Average Rectified Current: Half W ave Rectification with
Resistive Load at Tamb = 25°C f ³ 50 Hz
(1)
IF(AV)
150
mA
Surge Forward Current at t < 1s and Tj = 25°C
IFSM
500
mA
Power Dissipation at Tamb = 25°C
(1)
Ptot
500
mW
Thermal Resistance Junction to Am bient Air
(2)
RèJA
350
°C/W
Thermal Resistance Junction to tie-point
RqJtp
300
°C/W
Junction Temperature
Tj
175
°C
Storage Temperature
TS
–65 to +175
°C
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 10mA
—
—
1
V
VR = 20V
—
—
25
nA
VR = 75V
—
—
5
µA
VR = 20V, TJ = 150°C
—
—
50
µA
Capacitance
Ctot
VF = VR = 0
—
—
4
pF
Voltage Rise when Switching ON
(tested with 50 mAForward Pulses)
Vfr
tp = 0.1µs, Rise time<30ns fp
= 5 to 100kHz
—
—
2.5
V
Reverse Recovery Time
trr
IF = 10mA, IR = 1mA,
VR = 6V, RL
= 100Ù
—
—
4
ns
Rectification Efficiency (See third page)
çí
f = 100MHz, VRF = 2V
0.45
—
—
—
(2) Device mounted on FR4 printed-circuit board
Electrical Characteristics (Tj = 25°C unless otherwise noted)
Leakage Current
IR
Notes: (1) Valid provided that electrodes are kept at ambient temper ature
Features
Silicon Epitaxial Planar Diode
Fast switching diode in MiniMELF case especially suited
for automatic insertion.
This diode is also available in other case styles including the
standard 0603 case with the type designation CDSU4148, the
standard 0805 case withthe type designation CDSS4148 and
the standard 1206 case with the type designation CDSN4148
Mechanical Data
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Black
MiniMELF (SOD-80)
Dimensions in mm
Small-Signal Switching Diode


Similar Part No. - LL4148-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148-GS08 VISHAY-LL4148-GS08 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
LL4148-GS08 VISHAY-LL4148-GS08 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
LL4148-GS18 VISHAY-LL4148-GS18 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
LL4148-GS18 VISHAY-LL4148-GS18 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
LL4148-GS18 VISHAY-LL4148-GS18 Datasheet
82Kb / 5P
Small Signal Fast Switching Diodes
31-Jul-12
More results

Similar Description - LL4148-G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com