Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6078ACMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6078ACMS8
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6078ACMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6078ACMS8 Datasheet HTML 9Page - Linear Technology LTC6078ACMS8 Datasheet HTML 10Page - Linear Technology LTC6078ACMS8 Datasheet HTML 11Page - Linear Technology LTC6078ACMS8 Datasheet HTML 12Page - Linear Technology LTC6078ACMS8 Datasheet HTML 13Page - Linear Technology LTC6078ACMS8 Datasheet HTML 14Page - Linear Technology LTC6078ACMS8 Datasheet HTML 15Page - Linear Technology LTC6078ACMS8 Datasheet HTML 16Page - Linear Technology LTC6078ACMS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC6078/LTC6079
13
60789fa
TYPICAL APPLICATIO S
LDO Load Balancing
VDD
60789 TA09
1k
VIN
1.8V TO 20V
10
µF
0.01
µF
0.1
µF
10
µF
LOAD
ILOAD
IN
OUT
SHDN
LT1763
BYP
FB
+
–
A
R1
2k
R2
2k
0
≤ ILOAD ≤ 1.5A
1.22V
≤ VOUT ≤ VDD
LDO LOADS MATCH TO WITHIN
1mA WITH 10m
Ω OF BALLAST
RESISTANCE (2 INCHES OF AWG
28 GAUGE STRANDED WIRE)
A, B: LTC6078
BALLAST RESISTANCE:
IDENTICAL LENGTH
THERMALLY MATED
WIRE OR PCB TRACE
+
10
µF
0.01
µF
IN
OUT
SHDN
LT1763
BYP
FB
2k
10k
2k
100
Ω
1k
0.1
µF
10
µF
0.01
µF
IN
OUT
SHDN
LT1763
BYP
FB
2k
10k
2k
100
Ω
+
–
B
R2
R1
VOUT = 1.22V 1 +
⎛
⎝⎜
⎞
⎠⎟
pH Probe Amplifier
60789 TA10
VCC
1k
VOUT
1000pF
SENSOR: SENSOREX S200C pH PROBE
LTC6078 INPUT IMPEDANCE
≈ 1TΩ OR GREATER
VOUT = 1.25V + 59.2mV • (pH – 7)
A, B: LTC6078
PRECISION
RESISTOR PT146
1k
+3500ppm/
°C
57.6k
+
–
B
LT1634
1.25V
pH
–
+
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com