Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

304 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 304
Description  Compact, Portable Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

304 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  304 Datasheet HTML 1Page - Enercon Technologies Europe AG 304 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
MILTECH304, 4 x 10/100 TX MIL-STD rugged switch
1-304-000
•
LAN Harness for MILTECH308/304 MIL-SCE circular connector to RJ45, 3 meter length
2-CBL308LN3M
•
Power +LAN Harness for MILTECH308/304 MIL-SCE circular connector to RJ45 and 2 wire , 3 meter length
2-CBL308PW3M
SPECIFICATIONS
•
IEEE 802.3 10 Mbps 10BASE-T (Ethernet)
•
IEEE 802.3u 100BASE-TX 100 Mbps (Fast Ethernet)
•
IEEE 802.3x Flow Control
STANDARDS COMPLIANCE
•
Voltage Input: Vdc Nominal - Supports USB Sourcing
•
Power Consumption: 2W Typical
•
Chassis grounding
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
MILSTD-810F/G/GM:
•
Random vibration (514.5I) , Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I), Blow-
ing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis, Acoustic Noise.
•
IP68
ENVIRONMENTAL
•
Dimensions: 82.2mm (L) x 53(W) x 26(H), Not including connector Dust Caps
•
Weight: 130g – Not including dust caps
PHYSICAL
•
Portable, 4 screws for mounting to any flat surface
•
4 x 4-40 UNC screws with locking helicoils
INSTALLATION
•
No Moving Parts. Passive Cooling
COOLING
•
-45ºC to +85ºC (-49ºF to +185ºF) – Cold Start-Up
OPERATING TEMP
•
-51ºC to +85ºC (-60ºF to +185ºF)
STORAGE TEMP
MILTECH™ 304
Compact, Portable Military Fast Ethernet Switch
A
B
28



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com