Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

306 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 306
Description  An IP68 Military USB Hub
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

306 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  306 Datasheet HTML 1Page - Enercon Technologies Europe AG 306 Datasheet HTML 2Page - Enercon Technologies Europe AG 306 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Networking
Products
1232024
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
SPECIFICATIONS
PERFORMANCE:
• 1 upstream USB 2.0
• 7 downstream USB 2.0 (including 2 High Power ports)
• Up to five cascaded hubs
• Maximum cable length between each hub: 5m
• Up to 127 devices
• Per port LED indication
STANDARDS COMPLIANCE:
• USB specification version 2.0 1 (data rates of up to 480 Mbps)
• USB specification version 1.1 (data rates of up to 12 Mbps)
• OHCI, UHIC, VEHCI
POWER:
• VBUS powered mode input voltage: 5Vdc Nominal - USB Sourcing
• External power mode input Voltage: 8-28Vdc – external PSU sourcing
• Power Consumption: 2W Typical (data transfer only)
• Dual-mode power - once external DC is detected, the unit operates in external power mode
• Chassis grounding
ELECTROMAGNETIC:
• MIL-STD-461E Electromagnetic compatibility
• CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ENVIRONMENTAL:
• MILSTD-810F/G/GM:
• Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I),
Humidity (507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I),
Salt Atmosphere (509.5I), Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
• IP68
PHYSICAL:
• Dimensions: 82.2mm (L) x 64.1(W) x 26(H), Not including connector Dust Caps
• Weight: 140g - including dust caps
INSTALLATION:
• Portable, 4 screws for mounting to any flat surface.
COOLING:
• No Moving Parts. Passive Cooling
OPERATING TEMP:
• -45ºC to +85ºC (-49ºF to +185ºF) - Cold Start-Up
STORAGE TEMP:
• -45ºC to +85ºC (-49ºF to +185ºF)
A
B
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com