Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

308 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 308
Description  Compact, Portable Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

308 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  308 Datasheet HTML 1Page - Enercon Technologies Europe AG 308 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya P.O.Box 1500, Pardes-Hanna, 37100 Israel Phone: +972 (4) 6377741 Fax: +972 (4) 6377761
Email: info@techaya.com Web: www.techaya.com
2
PRODUCT DATASHEET rev. 7
Techaya P.O.Box 1500, Pardes-Hanna, 37100 Israel Phone: +972 (4) 6377741 Fax: +972 (4) 6377761
Email: info@techaya.com Web: www.techaya.com
2
PRODUCT DATASHEET rev. 7
Techaya P.O.Box 1500, Pardes-Hanna, 37100 Israel Phone: +972 (4) 6377741 Fax: +972 (4) 6377761
Email: info@techaya.com Web: www.techaya.com
2
PRODUCT DATASHEET rev. 7
Networking Products
MILTECHTM 308
Compact, Portable Military Fast Ethernet Switch
SPECIFICATIONS
STANDARDS
COMPLIANCE
• IEEE 802.3 10 Mbps 10BASE-T (Ethernet)
• IEEE 802.3u 100BASE-TX 100 Mbps (Fast Ethernet)
• IEEE 802.3x Flow Control
2 | 112023
ELECTROMAGNETIC
ENVIRONMENTAL
PHYSICAL
INSTALLATION
• MIL-STD-461E Electromagnetic compatibility
• MILSTD-810F/G/GM: Random vibration (514.5I) | Bench Handling (516.6VI) | High Temp.(501.5I,II) | Low Temp.(502.5I)
Humidity (507.5II) | Air Pressure (500.5I,II) | Blowing Rain (506.5I) | Immersion (512.5I) | Salt Atmosphere (509.5I)
Blowing Dust (510.5I) | Loose Cargo Vibration (514.6II) | Wind Analysis
• IP68
• Dimensions: 82.2mm (L) x 64.1mm (W) x 26mm (H), Not including connector Dust Caps
• Dimensions: 3.2”(L) x 2.5”(W) x 1.0(H), Not including connector Dust Caps
• Weight: 140g, Not including dust caps
• Portable, 4 screws for mounting to any flat surface
• 4 x 4-40 UNC screws with locking helicoils
POWER
• Voltage Input: 5VDC -28VDC Nominal - Supports USB Sourcing
• Power Consumption: 2W Typical
• Chassis grounding
COOLING
OPERATING TEMP
STORAGE TEMP
• No Moving Parts. Passive Cooling.
• -45ºC to +85ºC (-49ºF to +185ºF) – Cold Start-Up
• -51ºC to +85ºC (-60ºF to +185ºF)
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
1-308-001
MILTECH 308, 8x10/100 TH MIL-STD Rugged Switch
1-308-002
MILTECH 308, 8x10/100 TH MIL-STD Rugged Switch, dust caps attached with cord
1-308-100
MILTECH 308, 8x10/100 TH MIL-STD Rugged Switch, dust caps attached with cord + wide range power input 5-28VDC
2-CBL308LN3M
LAN Harness for MILTECH308/304 MIL-SCE circular connector to RJ45, 3 meter length
2-CBL308PW3M
Power + LAN Harness for MILTECH308/304 MIL-SCE circular connector to RJ45 and 2 wire, 3 meter length
A
B
C
*All measurements are in millimeters
Ask us about our complete line of power and networking products.
Netanya, Israel • +972 73 246 9200 • sales@enercon.co.il
www.enercon.co.il



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com