Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

402 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 402
Description  Rugged PoE Ethernet Switch with Power Distribution Capabilities
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

402 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  402 Datasheet HTML 1Page - Enercon Technologies Europe AG 402 Datasheet HTML 2Page - Enercon Technologies Europe AG 402 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
MILTECH™ 402
Rugged PoE Ethernet Switch with Power Distribution Capabilities
SPECIFICATIONS
•
26.8 Mpps wire speed forwarding rate
•
20 Gbps maximum forwarding bandwidth
•
8K MAC Address
•
Wire-Speed Reception and Transmission
•
Integrated Address Look-Up Engine
•
Automatic Address Learning
PERFORMANCE
•
IEEE 802.3 10 Mbps 10BASE-T (Ethernet)
•
IEEE 802.3u 100BASE-TX 100 Mbps (Fast Ethernet)
•
IEEE 802.3x Flow Control
STANDARDS COMPLIANCE
•
Voltage Input: 10VDC – 16.8VDC Battery Supply
•
Power Consumption: 140W maximum
•
Chassis grounding
•
Over Current Protection 1.5A & 5A.
•
Overload, Over-Voltage & Short Circuit Protection for PoE Ports.
•
Reverse Polarity Protection
POWER
•
Total PoE Budget 35W
•
Maximum Consumption per port 15.4W
•
Dynamic Power Allocation
•
PoE Priority per port
•
Full Comply to IEEE 802.3af
•
No Power Degradation at +85°C
•
Operates from Regular Military 10-16.8VDC Smart Battery Supply (4 cell Li-ion)
PoE
•
Design to meet: MIL-STD-461E Electromagnetic compatibility
•
CE-102 | CS-114 | CS-115 | CS-116 | RE-102 | RS-103
ELECTROMAGNETIC
•
Design to meet: MILSTD-810F/G/GM:
•
Random vibration (514.5I) | Bench Handling (516.6VI) | High Temp.(501.5I,II) | Low Temp.(502.5I) | Humidity
(507.5II) | Air Pressure (500.5I,II) | Blowing Rain (506.5I) | Immersion (512.5I) | Salt Atmosphere (509.5I) |
Blowing Dust (510.5I) | Loose Cargo Vibration (514.6II) | Wind Analysis.
•
IP67
SHOCK/VIBRATION/HUMIDITY
•
Dimensions: 100mm (L) x 94.2mm(W) x 34.1mm(H), including connectors & hardware
•
Dimensions: 3.93”(L) x 3.7”(W) x 1.34”(H), including connectors & hardware
•
Weight: 280gr
PHYSICAL
•
Set of Four 4x40 mounting holes on bottom for mounting to any flat surface
•
Option for Strap Mounting Bracket
INSTALLATION
•
No Moving Parts. Passive Cooling.
COOLING
•
-40ºC to +85ºC (-40ºF to +185ºF) - Cold Start-Up
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com