Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

406 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 406
Description  Miniature Portable Communication Grid for Dismounted Soldier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

406 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  406 Datasheet HTML 1Page - Enercon Technologies Europe AG 406 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
IEEE 802.3, IEEE 802.3u 10BASE-T, 100BaseTX
•
IEEE 802.3x Flow Control
•
USB 2.0
•
SMBUS V.2.0
•
RS-232, Asynchronous
STANDARDS COMPLIANCE
•
Voltage Input: 5Vdc @1A (USB input)
•
Power Consumption: 5W Typical
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
MILSTD-810F/G/GM:
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I),
Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
•
IP68
ENVIRONMENTAL
•
Dimensions: 97mm (L) x 78mm(W) x 25mm(H), including connectors
•
Dimentions: 3.82” (L) x 3.07” (W) x 0.98” (H), includind connectors
•
Weight: 150g
•
LED indication (Speed, Link/Activity) per port, Power
•
Dark Mode for all LED indications
PHYSICAL
•
Set of 4 mounting holes (2-56 UNC) for mounting to any flat surface.
INSTALLATION
•
-45 C to +85 C (-49 F to +185 F) – Cold Start-Up
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP
MILTECH™ 406
Miniature Portable Communication Grid for Dismounted Soldier
A
B
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Miniature portable communication grid
1-406-000
Cable harness for MILTECH406 for port #1
2-CBL406P01
Cable harness for MILTECH406 for port #2
2-CBL406P02
Cable harness for MILTECH406 for port #3
2-CBL406P03
Cable harness for MILTECH406 for port #4
2-CBL406P04
Cable harness for MILTECH406 for port #5
2-CBL406P05
Cable harness for MILTECH406 for port #6
2-CBL406P06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com