Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9022 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9022
Description  Military Managed 12 Ports Gigabit Switch Router
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9022 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9022 Datasheet HTML 1Page - Enercon Technologies Europe AG 9022 Datasheet HTML 2Page - Enercon Technologies Europe AG 9022 Datasheet HTML 3Page - Enercon Technologies Europe AG 9022 Datasheet HTML 4Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
The MILTECH™ 9022 is a MIL-STD Fully managed
Military-grade network switch router offering 12 triple
speed (10/100/1000) ports. The MILTECH™ 9022 is
compatible with all the newest military industry network
protocols for redundant link topology, security, multi-
cast and management requirements.
Developed specifically for military and harsh mobile
applications, the MILTECH™ 9022 features mechanical
packaging enhancements designed for MIL-STD-810F
airborne and ground environmental compliance and
high reliability. The unit has been especially hardened to
improve ingress, impact, and shock/vibration protection,
as well as eliminate all moving parts through passive
MILTECH™ 9022
Military Managed 12 Ports Gigabit Switch Router
FEATURES DESCRIPTION
cooling, and interface through sealed circular connectors.
Leveraging best-in-class switching technology, the
MILTECH™ 9022 serves as a robust COTS solution
for providing local area network (LAN) connectivity
to IP-enabled computing and net-centric devices. The
MILTECH™ 9022 is particularly useful for expanding
port density to tactical IP routers in space-constrained
airborne and ground vehicle environments.
MILTECH™ 9022 is specifically designed for Data
Acquisition & Transmission, Battlefield Communication
C4ISR, Rugged Networks, Mobile Communications,
Combat vehicles, Avionic & Shipboard Systems.
SPECIFICATIONS
•
Router/switch layer 3 managed 12x10/100/1000 TX ports +
4x1G/10G fiber ports – Total of up to 16 x 1G ports.
ETHERNET PORTS:
•
Wire-speed hardware-based 12 ports gigabit Ethernet
switch – L2, L3, L4 Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3 Multicast
Routing, BGP4*, VRRP,ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and
GVRP up to 8K groups for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q, manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
Jumbo Frame support up to 10K
•
WEB, CLI, Telnet, SNMP V2/V3 management
NETWORKING:


Similar Part No. - 9022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9022 ETC2-9022 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9022 HEYCO-9022 Datasheet
152Kb / 2P
Snap Rivets
logo
List of Unclassifed Man...
9022-0029 ETC1-9022-0029 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
logo
NTE Electronics
90220 NTE-90220 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
KNIPEX
902201SB KNIPEX-902201SB Datasheet
384Kb / 4P
KNIPEX TwistCut® Corrugated Pipe Cutter
05.07.2021
More results

Similar Description - 9022

ManufacturerPart #DatasheetDescription
logo
Level One
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
IGS-9084GP-FB2 ORING-IGS-9084GP-FB2 Datasheet
2Mb / 6P
Industrial 12-port managed Gigabit bypass Ethernet switch
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
12-port managed Gigabit Ethernet switch
TGPS-9084GT-M12 ORING-TGPS-9084GT-M12 Datasheet
4Mb / 7P
12-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com