Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M167 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M167
Description  M167 SERIES 3-PHASE AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M167 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M167 Datasheet HTML 1Page - Enercon Technologies Europe AG M167 Datasheet HTML 2Page - Enercon Technologies Europe AG M167 Datasheet HTML 3Page - Enercon Technologies Europe AG M167 Datasheet HTML 4Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Oct 18, 2021
|
Rev e
|
Doc: DS M167 Series
M167 SERIES 3-PHASE AC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military (Airborne, ground-fix, shipboard), Ruggedized, Telecom, Industrial
Special Features
• High efficiency
• Wide input range
• Input / Output isolation
• Limited Inrush Current
• Fixed switching frequency
• EMI filters included
• Indefinite short circuit
protection with auto-recovery
• Over-voltage shutdown with
auto-recovery
• Over temperature shutdown
with auto-recovery
Electrical Specifications
AC Input Range:
115V/400 Hz (320-520Hz),
3-phase per MIL-STD-704A/D
DC Output:
Voltage: 3.3V to
50V Current: Up to
55A Power: Up to
1.6kW
Isolation:
500V between Input and Output
500V between Input and Case
100V between Output and Case
Line/Load regulation:
Less than 1% (no load to
full load, –40C to +71C).
Efficiency:
85% - minimum (full load,
room temperature)
EMC:
Designed to meet MIL-STD-
461F at 45A:
CE102, CS101, CS114, CS115,
CS106, RE101, RE102, RS101,
RS103
Ripple and Noise:
100150mVp-p, typical (max.
1%) without external
capacitance. When connected
to system capacitance ripple
drops significantly.
Turn on Transient
No Voltage over shoot during
power on.
Protections *
Input
• Inrush Current Limiter
peak value of 6 x IIN
Output
• Passive transorb on outputs
20% above nominal voltage.
• Current limiting
Continuous protection (10-30%
above maximum current) for
unlimited time.
General
• Over temperature protection:
Shutdown at base plate
temperature of +105C (5C)
Automatic recovery at base plate
temperature lower than +95C
(5C)
* Thresholds and protections can be modified / removed – please consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com