Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M64
Description  Rugged Small Size USB3 Flash Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M64 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M64 Datasheet HTML 1Page - Enercon Technologies Europe AG M64 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Networking
Products
SPECIFICATIONS
STANDARDS:
• MILSTD-461E
• MILSTD-810F GM
• Support -40°C (Cold Start) and +85°C ambient temperature, no degradation
VOLTAGE OPERATION:
• USB Power
POWER:
• Power Consumption:
Standby: 0.38W
USB2: 0.9W
USB3: 1.4W
• Chassis grounding
ELECTROMAGNETIC:
• MIL-STD-461 E Electromagnetic compatibility
SHOCKNIBRATION/HUMIDITY:
• MILSTD-810F/G/GM:
Random vibration (514.5I) | Bench Handling (516.6VI) | High Temp.(501.5I,II)
Low Temp.(502.5I) | Humidity (507.5II) | Air Pressure (500.5I,II) | Blowing Rain (506.5I)
Immersion (512.5II) | Salt Atmosphere (509.5I) | Blowing Dust (510.5I)
Loose Cargo Vibration (514.6II) I Wind Analysis
PHYSICAL:
• Dimensions: 65mm (L) x 28mm(W) x 19mm(H), including connectors & hardware
• Dimensions: 2.57"(L) x 1.102"(W) x.76"(H), including connectors & hardware
• Weight: 65 gr
COOLING:
• No Moving Parts. Passive Cooling QoS consistency across stack / ring
OPERATING TEMP:
• -40°C to +85°C (-40°F to +185°F) - Cold Start-Up
STORAGE TEMP:
• -45°C to +85°C (-49°F to +185°F)
1112023
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
A
B
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
1-M64-000
Military grade USB 3.0 Flash Drive 64b
2-USBAM6464010
USB cable for MILTECH M64/M128/M256/M512
*All measurements are in millimeters



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com