Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566P Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566P Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 23Page - NXP Semiconductors PCF8566P Datasheet HTML 24Page - NXP Semiconductors PCF8566P Datasheet HTML 25Page - NXP Semiconductors PCF8566P Datasheet HTML 26Page - NXP Semiconductors PCF8566P Datasheet HTML 27Page - NXP Semiconductors PCF8566P Datasheet HTML 28Page - NXP Semiconductors PCF8566P Datasheet HTML 29Page - NXP Semiconductors PCF8566P Datasheet HTML 30Page - NXP Semiconductors PCF8566P Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
1998 May 04
27
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
11 AC CHARACTERISTICS
VSS =0V; VDD = 2.5 to 6 V; VLCD =VDD − 2.5 to VDD − 6 V; Tamb = −40 to +85 °C; unless otherwise specified; note 1.
Notes
1. All timing values referred to VIH and VIL levels with an input voltage swing of VSS to VDD.
2. At fCLK < 125 kHz, I2C-bus maximum transmission speed is derated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fCLK
oscillator frequency (normal mode)
VDD = 5 V; note 2
125
200
315
kHz
fCLKLP
oscillator frequency (power saving
mode)
VDD = 3.5 V
21
31
48
kHz
tCLKH
CLK HIGH time
1
−−µs
tCLKL
CLK LOW time
1
−−µs
tPSYNC
SYNC propagation delay
−−
400
ns
tSYNCL
SYNC LOW time
1
−−µs
tPLCD
driver delays with test loads
VLCD =VDD − 5V
−−
30
µs
I2C-bus
tBUF
bus free time
4.7
−−µs
tHD; STA
START condition hold time
4
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4
−−µs
tSU; STA
START condition set-up time
(repeated start code only)
4.7
−−µs
tHD; DAT
data hold time
0
−−µs
tSU; DAT
data set-up time
250
−−
ns
tr
rise time
−−
1
µs
tf
fall time
−−
300
ns
tSU; STO
STOP condition set-up time
4.7
−−µs
Fig.19 Test loads.
handbook, full pagewidth
MGG387
3.3 k
Ω
1.5 k
Ω
6.8 k
Ω
(2%)
(2%)
(2%)
CLK
(pin 4)
SDA, SCL
(pins 1, 2)
SYNC
(pin 3)
0.5VDD
VDD
VDD
S0 to S23
(pins 17 to 40)
Iload ≈ 15 µA
Iload ≈ 25 µA
BP0 to BP3
(pins 13 to 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com