Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8566T
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8566T Datasheet HTML 18Page - NXP Semiconductors PCF8566T Datasheet HTML 19Page - NXP Semiconductors PCF8566T Datasheet HTML 20Page - NXP Semiconductors PCF8566T Datasheet HTML 21Page - NXP Semiconductors PCF8566T Datasheet HTML 22Page - NXP Semiconductors PCF8566T Datasheet HTML 23Page - NXP Semiconductors PCF8566T Datasheet HTML 24Page - NXP Semiconductors PCF8566T Datasheet HTML 25Page - NXP Semiconductors PCF8566T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
1998 May 04
22
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
Table 7
LCD bias configuration
Table 8
Display status
Table 9
Power dissipation mode
Table 10 Load data pointer
Table 11 Device select
Table 12 Input bank selection
Table 13 Output bank selection
Table 14 Blinking frequency
LCD BIAS
BIT B
1
⁄3bias
0
1
⁄2bias
1
DISPLAY STATUS
BIT E
Disabled (blank)
0
Enabled
1
MODE
BIT LP
Normal mode
0
Power-saving mode
1
BITS
P4
P3
P2
P1
P0
5-bit binary value of 0 to 23
BITS
A0
A1
A2
3-bit binary value of 0 to 7
STATIC
1 : 2 MUX
BIT 1
RAM bit 0
RAM bits 0, 1
0
RAM bit 2
RAM bits 2, 3
1
STATIC
1 : 2 MUX
BIT 0
RAM bit 0
RAM bits 0, 1
0
RAM bit 2
RAM bits 2, 3
1
BLINK
FREQUENCY
BIT BF1
BIT BF0
Off
0
0
2Hz
0
1
1Hz
1
0
0.5 Hz
1
1
Table 15 Blink mode selection
7.9
Display controller
The display controller executes the commands identified
by the command decoder. It contains the status registers
of the PCF8566 and coordinates their effects.
The controller is also responsible for loading display data
into the display RAM as required by the filling order.
7.10
Cascaded operation
In large display configurations, up to 16 PCF8566s can be
distinguished on the same I2C-bus by using the 3-bit
hardware subaddress (A0, A1 and A2) and the
programmable I2C-bus slave address (SA0). It is also
possible to cascade up to 16 PCF8566s. When cascaded,
several PCF8566s are synchronized so that they can
share the backplane signals from one of the devices in the
cascade. Such an arrangement is cost-effective in large
LCD applications since the outputs of only one device
need to be through-plated to the backplane electrodes of
the display. The other PCF8566s of the cascade
contribute additional segment outputs but their backplane
outputs are left open-circuit (Fig.17).
The SYNC line is provided to maintain the correct
synchronization between all cascaded PCF8566s.
This synchronization is guaranteed after the power-on
reset. The only time that SYNC is likely to be needed is if
synchronization is accidentally lost (e.g. by noise in
adverse electrical environments; or by the definition of a
multiplex mode when PCF8566s with differing SA0 levels
are cascaded). SYNC is organized as an input/output pin;
the output section being realized as an open-drain driver
with an internal pull-up resistor. A PCF8566 asserts the
SYNC line at the onset of its last active backplane signal
and monitors the SYNC line at all other times.
Should synchronization in the cascade be lost, it will be
restored by the first PCF8566 to assert SYNC. The timing
relationships between the backplane waveforms and the
SYNC signal for the various drive modes of the PCF8576
are shown in Fig.18. The waveforms are identical with the
parent device PCF8576. Cascade ability between
PCF8566s and PCF8576s is possible, giving cost effective
LCD applications.
BLINK MODE
BIT A
Normal blinking
0
Alternation blinking
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com