Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMCT103C Datasheet(PDF) 1 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZMCT103C
Description  Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZMCT103C Datasheet(HTML) 1 Page - Qingxian Zeming Langxi Electronic Devices

  ZMCT103C Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices ZMCT103C Datasheet HTML 2Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Qingxian Zeming Langxi Electronic
www.micro-transformer.com
Tel: 86-25-52601870
Fax: 86-25-52633420
E-mail:zm@zeming-e.com
ZMCT103C Current Transformer
Small size,high accuracy,good consistency,for current and power measurement
Structural parameters:
Remarks: primary input: straight- through type( make the measured circuit be through the hole)
1、2pin :secondary output
Front view
Bottom view
The main technical parameters:
model
ZMCT103C
input current
0-10A(50Ω)
Rated output current
5mA at input 5A
turns ratio
1000:1
phase angle error
≤15'
(input 5A,sampling resistor 50Ω)
Accuracy class
0.2
linearity
≤0.2%(5%dot~120%dot)
Permissible error
-0.2%≤f≤+0.2%
(input 5A,sampling resistor50Ω)
isolation voltage
4500V
application
Precise measurement of current and power
Encapsulation
Epoxy
installation
PCB mounting(Pin Length>3mm)
operating temperature
-40℃~+85℃


Similar Part No. - ZMCT103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZMCT103D ETC2-ZMCT103D Datasheet
157Kb / 1P
CURRENT TRANSFORMER
logo
Qingxian Zeming Langxi ...
ZMCT103E MICRO-TRANSFORMER-ZMCT103E Datasheet
139Kb / 2P
Current Transformer
ZMCT103U MICRO-TRANSFORMER-ZMCT103U Datasheet
218Kb / 2P
current transformer
More results

Similar Description - ZMCT103C

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4215-X025 VACUUMSCHMELZE-T60403-F4215-X025 Datasheet
31Kb / 2P
Current Transformer
T60404-E4622-X012 VACUUMSCHMELZE-T60404-E4622-X012 Datasheet
125Kb / 2P
Current transformer
T60404-E4625-X501 VACUUMSCHMELZE-T60404-E4625-X501 Datasheet
46Kb / 2P
Current Transformer
T60404-E4625-X101 VACUUMSCHMELZE-T60404-E4625-X101 Datasheet
41Kb / 2P
Current Transformer
T60404-E4627-X101 VACUUMSCHMELZE-T60404-E4627-X101 Datasheet
46Kb / 2P
Current Transformer
T60404-E4626-X501 VACUUMSCHMELZE-T60404-E4626-X501 Datasheet
106Kb / 2P
Current Transformer
T60404-E4626-X151 VACUUMSCHMELZE-T60404-E4626-X151 Datasheet
174Kb / 2P
Current Transformer
T60404-E4626-X131 VACUUMSCHMELZE-T60404-E4626-X131 Datasheet
68Kb / 2P
Current Transformer
T60404-E4626-X121 VACUUMSCHMELZE-T60404-E4626-X121 Datasheet
58Kb / 2P
Current Transformer
T60404-E4629-X007 VACUUMSCHMELZE-T60404-E4629-X007 Datasheet
38Kb / 2P
Current Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com