Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9NM60L-TND-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 9NM60L-TND-R
Description  9.0A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9NM60L-TND-R Datasheet(HTML) 4 Page - Unisonic Technologies

  9NM60L-TND-R Datasheet HTML 1Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 2Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 3Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 4Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 5Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 6Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 7Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 8Page - Unisonic Technologies 9NM60L-TND-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9NM60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R205-081.I
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=30V
100
nA
Reverse
VGS=-30V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.5
4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.5A
0.56
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
590
pF
Output Capacitance
COSS
530
pF
Reverse Transfer Capacitance
CRSS
57
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 1)
QG
VDS=480V, VGS=10V, ID=9.0A ,
IG=1mA (Note 1, 2)
24
nC
Gate to Source Charge
QGS
5.2
nC
Gate to Drain Charge
QGD
18.2
nC
Turn-ON Delay Time (Note 1)
tD(ON)
VDD=100V, VGS=10V, ID=9.0A,
RG=25Ω (Note 1, 2)
8.8
ns
Rise Time
tR
24
ns
Turn-OFF Delay Time
tD(OFF)
64
ns
Fall-Time
tF
33.5
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
9
A
Maximum Body-Diode Pulsed Current
ISM
18
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=9.0A,VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
trr
IS=9.0A,VGS=0V,
dIF/dt=100A/μs
310
ns
Reverse Recovery Charge
Qrr
7.83
μC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com