Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5200AS-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNH5200AS-E
Description  Fully-protected, eco-friendly motor control solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Datasheet(HTML) 2 Page - STMicroelectronics

  VNH5200AS-E Datasheet HTML 1Page - STMicroelectronics VNH5200AS-E Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi-powerSO™-30
The VNH5 series of H-bridges offers multiple
solutions for actuating a wide range of
DC motors, especially for automotive
applications. Today, environmental
regulations drive the market towards lighter
and smaller silicon drivers ensuring reduced
CO
2 emissions. The VNH5 series, compared
to a mechanical relay or multi-package
solid-state solutions, is an eco-friendly
and cost-effective approach integrating
the power stage (two high-side and two
low-side switches) plus dedicated control
and diagnostic functions within the same
package.
VNH5 products can be easily driven by a
microcontroller through dedicated input pins,
compatible with 3 V CMOS. These define
motor direction (clockwise or counter-
clockwise), speed (PWM controlled) and
active braking. An embedded non-dissipative
current sense output enables torque
control and load disconnection detection.
Its advanced diagnostics and protection
functions are ideal for robust applications
able to protect themselves against hazardous
conditions.
TYPICAL APPLICATION DIAGRAM
VNH5 SERIES MOTOR CONTROL ICS
Part number
On-state
resistance
R
DS(on) typ (mΩ)
Current
limitation
(I
lim) typ (A)
PWM
operation
Package
Easy Board
order code (*)
Evaluation
board
order code
Highlights
VNH5019A-E
18
50
•
MultiPowerSO-30
EVAL-VNH5019-P1,
EVAL-VNH5019-P2
STEVAL-
VNH5019A
Outstanding thermal
performances
VNH5050A-E
50
42
•
PowerSSO-36
EV-VNH5050A
STEVAL-
VNH5050A
Best trade-off
between thermal
performance and
cost
VNH5180A-E
180
12
•
PowerSSO-36
EV-VNH5180A
STEVAL-
VNH5180A
Best trade-off
between thermal
performance and
cost
VNH5200AS-E
200
8
SO-16N
Cost-optimized
plastic package
Note : *Easy Boards are simple evaluation tools assembling the device on optimized PCB for allowing simple connection to external environment
EVALUATION TOOLS
For information on the available evaluation tools, see st.com/automotive_evalboards
PowerSSO36
SO-16
* Available on VNH5180A VNH5050A VNH5019A
Micro
controller
VNH5xxx
IN
A
IN
B
PWM(*)
CS
EN
A/DIAGA
EN
B/DIAGB
M
OUT
A
OUT
B
Door lock
Dual washer pump
Seat regulation
Sliding door
Window lift
VNH5200
VNH5180
VNH5050
VNH5019
30W
60W
100W
200W
© STMicroelectronics - Mach 2014 - Printed in United Kingdom - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies
All other names are the property of their respective owners
For more information on ST products and solutions, visit www.st.com
Order code: FLVNH50314



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com