Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA200WA60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DBA200WA60
Description  Soft Recovery Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DBA200WA60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DBA200WA60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited DBA200WA60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited DBA200WA60 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISU6042
eq DBA200WA60
Soft Recovery Diode Module
www.iscsemi.com
1
FEATURES
·
Ultrafast, soft and noise-free recovery
·
Combines highest recovery and reverse
voltage performance
·
low inductance and low capacitance allow
simpler layout
APPLICATIONS
·
Freewheeling,Snubber,Clamp
·
Inversion Welder
·
PFC
·
Plating Power Supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current,
TC= 89℃
100
A
IFSM
Surge Forward Current
50/60Hz, ½ cycle, Peak value, non-repetitive
1000/1100
A
I2t
I2t
Value for one cycle of surge current
5050
A2S
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~125
℃
VISO
Isolation Voltage A.C.1minute
2500
V


Similar Part No. - DBA200WA60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DBA200WA60 SANREX-DBA200WA60 Datasheet
195Kb / 2P
SOFT RECOVERY DIODE MODULE
More results

Similar Description - DBA200WA60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DKA200AA50 SANREX-DKA200AA50 Datasheet
110Kb / 1P
ISOLATED DIODE MODULE(SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60 SANREX-DSR400AA60 Datasheet
100Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DBA200WA40 SANREX-DBA200WA40 Datasheet
195Kb / 2P
SOFT RECOVERY DIODE MODULE
DBA200WA60 SANREX-DBA200WA60 Datasheet
195Kb / 2P
SOFT RECOVERY DIODE MODULE
DCA100BA60 SANREX-DCA100BA60 Datasheet
202Kb / 2P
SOFT RECOVERY DIODE MODULE
DCA150BA65 SANREX-DCA150BA65 Datasheet
203Kb / 2P
SOFT RECOVERY DIODE MODULE
DCA200UA65 SANREX-DCA200UA65 Datasheet
508Kb / 2P
SOFT RECOVERY DIODE MODULE
logo
SemiHow Co.,Ltd.
SDM2F100G06GS SEMIHOW-SDM2F100G06GS Datasheet
371Kb / 4P
Fast Soft Recovery Diode Module
SDM2F150G06G SEMIHOW-SDM2F150G06G Datasheet
376Kb / 4P
Fast Soft Recovery Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com