Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCAN Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # MPCAN
Description  Remote Control MPCAN Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

MPCAN Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  MPCAN Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS MPCAN Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Specification
Value
Stop function (400 - 900 MHz)
Cat. 3-PLd
Stop Function (2.4 GHz)
Cat. 4-PLe
Ingress protection
IP65/NEMA4
Frequency band - ERP
433.050 to 434.040 MHz; ERP<1 mW
434.040 to 434.790 MHz; ERP<10mW
869.700 to 870.000 MHz; ERP<5 mW
902.000 to 928.000 MHz; ERP<1mW
2405MHz to 2475MHz 20dBm/100mW
Range Line of sight (guaranteed)
100m
AC power supply
N/A
DC power supply
8 - 35 Vdc
Receiver Current Consumption
200mA
Antenna
External/Internal
Removable EEPROM
Internal
Signaling
External
STOP Outputs (400 - 900MHz)
2
STOP Outputs (2.4GHz)
2
Start Output
N/A
Safety Relay Output
N/A
ON/OFF outputs
4 (2A per output)
Proportional outputs
N/A
CAN Bus Protocols (400-900MHz)
CANopen
CAN Bus Protocols (2.4GHz)
CANopen, J1939
ON/OFF inputs
4
Proportional inputs
N/A
Reponse time
100ms
Maximum Total output current
7.5A
Operating temperature range
-20° C to +70° C (-4° F to +158° F)
Storage Temperature Range (24h)
-25ºC to 75ºC (-13ºF to 167ºF)
Storage Temperature Range (long periods)
-25ºC to 55ºC (-13ºF to 131ºF)
Relative Humidity
max. 95% without condensation
Weight
300 grams
Dimensions
117 x 133 x 36
Tether connection
Yes (M12 Connector)
Associated transmitters (400 - 900MHz)
Ikargo1, Ikargo2, T70 1, T70 2, T70 1 HALL, T70 2 HALL, T70 1 ATEX, T70 2
ATEX, IK2, IK3, IK4
Associated transmitters (2.4 GHz)
Ikompact, Ikore, IkoreB, IK2, IK3, IK4
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | February 2022
AI299273590170en-000301



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com