Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R13B Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # R13B
Description  Remote Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

R13B Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  R13B Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS R13B Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Description
Value
Stop function
Cat. 3-PLd
Ingress Protection rating
IP65/NEMA4
Frequency band
Multiband (400 - 930 MHz)
AC power supply
48 – 230 Vac ±25% (Multivoltage) / 18 – 30 Vac
DC power supply
8 – 36 Vdc
Antenna
Internal
Removable EEPROM
External
Signalling
External
ON/OFF outputs (maximum)
13
Analog outputs (maximum)
N/A
CANOpen, Profibus-DP
N/A
ON/OFF inputs (maximum)
4
Analog inputs (maximum)
1
Maximum output current
8A
Working temperature range
-20 °C to 70 °C (-4 °F to 158 °F)
Weight
1350 grams
Dimensions (LxWxH mm)
245x160x80
Cable connection
N/A
Associated transmitters
T70/1, T70/2, T70/1 ATEX, T70/2 ATEX, IK2, IK3
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | May 2019
AI299271810168en-000201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com