Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R70 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # R70
Description  Remote Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

R70 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  R70 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS R70 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Specification
Value
Stop function
Cat. 3-PLd
Ingress protection
IP65/NEMA4
Frequency band
Multi-band (400-930 MHz)
AC power supply
48-230 Vac ± 25% (Multi-voltage) / 18-30 Vac
DC power supply
8-36 Vdc
Antenna
External
Removable EEPROM
Internal
Signaling
Internal
ON/OFF outputs (maximum)
29
Analog outputs (maximum)
8
CANopen, Profibus-DP
Yes
ON/OFF inputs (maximum)
44
Analog inputs
8
Maximum output current
8A
Working temperature range
-20° C to +70° C (-4° F to +158° F)
Weight
2100g
Dimensions
285 x 200 x 110
Cable connection
Yes
Associated transmitters
T70 1, T70 2, T70 1 HALL, T70 2 HALL, T70 1 ATEX, T70 2 ATEX, IK2, IK3, IK4
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | May 2019
AI293265732759en-000201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com