Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T70 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # T70
Description  Remote Control T70 1 HALL Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

T70 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  T70 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS T70 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Specification
Value
Stop function (400-900MHz)
Cat. 3-PLd
Ingress Protection
IP65/NEMA4
Anti-condensation system
N/A
Frequency band - ERP
433.050 to 434.040 MHz; ERP<1 mW
434.040 to 434.790 MHz; ERP<10mW
869.700 to 870.000 MHz; ERP<5 mW
902.000 to 928.000 MHz; ERP<1mW
Range Line of Sight (guaranteed)
100m
Main mechanisms
2 Step Push button (6 total) + START + STOP + KEY
Auxiliary mechanisms
Toggle and rotary switches
Removable EEPROM
External
Battery model
BT06K
Battery life
10h
Response Time
100ms
Operating temperature Range
-20° to 70° C (-4° to 158° F)
Storage Temperature Range (24h)
-25ºC to 75ºC (-13ºF to 167ºF)
Storage Temperature Range (long periods)
-25ºC to 55ºC (-13ºF to 131ºF)
Relative Humidity
max. 95% without condensation
Weight (with battery)
460 g
Dimensions LxWxH mm
270x71x64
Harness
Hand/shoulder strap
Available Options
Display
2x12 Char LCD
LED Panel
N/A
Tether connection
N/A
Range limiter
Available
Associated receivers (400-900MHZ)
R13, R70, MPCAN, MP08
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | February 2022
AI293283036766en-000201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com