Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME11XAD-R Datasheet(PDF) 1 Page - MTRONPTI

Part # ME11XAD-R
Description  14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

ME11XAD-R Datasheet(HTML) 1 Page - MTRONPTI

  ME11XAD-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 11-21-06
ME Series
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
Pin Connections
ME Series ECL/PECL Clock Oscillators, 10 KH
Compatible with Optional Complementary Outputs


Similar Part No. - ME11XAD-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ME11XAD-R MTRONPTI-ME11XAD-R Datasheet
256Kb / 1P
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
More results

Similar Description - ME11XAD-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MEH MTRONPTI-MEH Datasheet
217Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
K1100BA MTRONPTI-K1100BA Datasheet
369Kb / 2P
14 PIN dip 5.0 volt clock oscillator
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
K1100BA MTRONPTI-K1100BA_07 Datasheet
353Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
MEH MTRONPTI-MEH_06 Datasheet
247Kb / 2P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
ME MTRONPTI-ME_07 Datasheet
256Kb / 1P
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MEH MTRONPTI-MEH_07 Datasheet
248Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com