Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A16KTC Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMP6A16KTC
Description  60V DPAK P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A16KTC Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMP6A16KTC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 7Page - Zetex Semiconductors ZXMP6A16KTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMP6A16K
Issue 2 - November 2006
7
www.zetex.com
© Zetex Semiconductors plc 2006
Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.80
-
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-
D
6.30
6.70
0.248
0.264
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com