Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8577CT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8577CT
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577CT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8577CT Datasheet HTML 10Page - NXP Semiconductors PCF8577CT Datasheet HTML 11Page - NXP Semiconductors PCF8577CT Datasheet HTML 12Page - NXP Semiconductors PCF8577CT Datasheet HTML 13Page - NXP Semiconductors PCF8577CT Datasheet HTML 14Page - NXP Semiconductors PCF8577CT Datasheet HTML 15Page - NXP Semiconductors PCF8577CT Datasheet HTML 16Page - NXP Semiconductors PCF8577CT Datasheet HTML 17Page - NXP Semiconductors PCF8577CT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1998 Jul 30
14
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
11 AC CHARACTERISTICS
VDD = 2.5 to 6 V; Tamb = −40 to 85 °C; unless otherwise specified. All the timing values are valid within the operating
supply voltage and ambient temperature range and refer to VIL and VIH with an input voltage swing of VSS to VDD.
Note
1. Typical conditions: VDD = 5 V; Tamb = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
fLCD
display frequency
Cosc = 680 pF; Rosc =1MΩ
65
90
120
Hz
tBS
driver delays with test loads
VDD =5V
−
20
100
µs
I2C-bus
fSCL
SCL clock frequency
−−
100
kHz
tSW
tolerable spike width on I2C-bus Tamb =25 °C
−−
100
ns
tBUF
I2C-bus free time
4.7
−−µs
tSU;STA
START condition set-up time
4.0
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
STOP condition set-up time
4.0
−−µs
Fig.12 Test loads.
MGA730
Ω
1.5 k
Ω
6.8 k
VDD
(V
V
) / 2
DD
SS
S32 to S1
(pins 1 to 32)
SCL, SDA
(pins 39, 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com