Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZM-RCT Datasheet(PDF) 1 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZM-RCT
Description  Current Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZM-RCT Datasheet(HTML) 1 Page - Qingxian Zeming Langxi Electronic Devices

  ZM-RCT Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qingxian Zeming Langxi Electronic
www.micro-transformer.com
Tel: 86-25-52601870
Fax: 86-25-52633420
E-mail:zm@zeming-e.com
ZM-RCT series Current Transformer
Direct voltage outputs, no power supply, high reliability, for power protection
Structural parameter:
Front view
Bottom view
Circuit schematic:
The main technical parameters:
Model
Rated input
current(A)
Rated output
voltage(V)
Accuracy
class
phase
angle
error
Overload
multiples
Compressive
strength(V)
remark
ZM-RCT 20A/6.4V
1
0.32
0.5
≤1.5º
20
3000
protection
ZM-RCT 24A/3.53V
1
0.1471
0.5
≤1.5º
24
ZM-RCT 100A/3.53V
5
0.1765
0.5
≤1.5º
20
ZM-RCT 100A/6.4V
5
0.32
0.5
≤1.5º
20
ZM-RCT 100A/7.07V
5
0.3535
0.5
≤1.5º
20
ZM-RCT 120A/3.53V
5
0.1471
0.5
≤1.5º
24
Note: This series of transformers is anti- saturation strongly, small remanence, high reliability, suitable for
110KV and above transformer differential protection ,transformer protection and circuit protection.
Table is commonly used models, if requiring different ratio, we can re- design and re-produce.


Similar Part No. - ZM-RCT

ManufacturerPart #DatasheetDescription
logo
Qingxian Zeming Langxi ...
ZM-RPT MICRO-TRANSFORMER-ZM-RPT Datasheet
137Kb / 1P
Voltage Transformer
More results

Similar Description - ZM-RCT

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4215-X025 VACUUMSCHMELZE-T60403-F4215-X025 Datasheet
31Kb / 2P
Current Transformer
T60404-E4622-X012 VACUUMSCHMELZE-T60404-E4622-X012 Datasheet
125Kb / 2P
Current transformer
T60404-E4625-X501 VACUUMSCHMELZE-T60404-E4625-X501 Datasheet
46Kb / 2P
Current Transformer
T60404-E4625-X101 VACUUMSCHMELZE-T60404-E4625-X101 Datasheet
41Kb / 2P
Current Transformer
T60404-E4627-X101 VACUUMSCHMELZE-T60404-E4627-X101 Datasheet
46Kb / 2P
Current Transformer
T60404-E4626-X501 VACUUMSCHMELZE-T60404-E4626-X501 Datasheet
106Kb / 2P
Current Transformer
T60404-E4626-X151 VACUUMSCHMELZE-T60404-E4626-X151 Datasheet
174Kb / 2P
Current Transformer
T60404-E4626-X131 VACUUMSCHMELZE-T60404-E4626-X131 Datasheet
68Kb / 2P
Current Transformer
T60404-E4626-X121 VACUUMSCHMELZE-T60404-E4626-X121 Datasheet
58Kb / 2P
Current Transformer
T60404-E4629-X007 VACUUMSCHMELZE-T60404-E4629-X007 Datasheet
38Kb / 2P
Current Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com