Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZM-RPT Datasheet(PDF) 1 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZM-RPT
Description  Voltage Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZM-RPT Datasheet(HTML) 1 Page - Qingxian Zeming Langxi Electronic Devices

  ZM-RPT Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qingxian Zeming Langxi Electronic
www.micro-transformer.com
Tel: 86-25-52601870
Fax: 8625-52633420
E-mail:zm@zeming-e.com
ZM-RPT series Voltage Transformer
High accuracy, good consistency, no power supply, high reliability, for power measurement
Structural parameter:
Front view
Bottom view
Circuit schematic:
The main technical parameters:
Model
Rated
input voltage (V)
Rated
output
voltage(V)
No-load current
of the rated
voltage(m A)
Accuracy
class
phase
angle
error
Overload
multiples
Compressive
strength (V)
ZM-RPT 100V/4.2V
100
4.2
≤0.5
0.2
≤35'
1.3
3000
ZM-RPT 120V/3.53V
100
2.942
≤0.5
0.2
≤35'
1.3
ZM-RPT 120V/6.36V
100
5.3
≤0.5
0.2
≤35'
1.3
ZM-RPT 456V/3.53V
380
2.942
≤0.5
0.2
≤35'
1.2
ZM-RPT 456V/6.36V
380
5.3
≤0.5
0.2
≤35'
1.2
Note: This series of transformers is anti- surge, small remanence, and high reliability, suitable for timely
input 220V 100V not bad. The models in above table are commonly used , if requiring different
ratio, we can re- design and re-produce.


Similar Part No. - ZM-RPT

ManufacturerPart #DatasheetDescription
logo
Qingxian Zeming Langxi ...
ZM-RCT MICRO-TRANSFORMER-ZM-RCT Datasheet
129Kb / 1P
Current Transformer
More results

Similar Description - ZM-RPT

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TV30GB YHDC-TV30GB Datasheet
4Mb / 1P
Voltage type voltage transformer
TV30GK YHDC-TV30GK Datasheet
2Mb / 1P
Voltage type voltage transformer
TV48GB YHDC-TV48GB Datasheet
10Mb / 1P
Voltage type voltage transformer
TV600GB-2K YHDC-TV600GB-2K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-3K YHDC-TV600GB-3K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-4K YHDC-TV600GB-4K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-5K YHDC-TV600GB-5K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-6K YHDC-TV600GB-6K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV6023BK YHDC-TV6023BK Datasheet
1Mb / 1P
Voltage type voltage transformer
TVD120 YHDC-TVD120 Datasheet
5Mb / 1P
Voltage type voltage transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com