Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMDCT03 Datasheet(PDF) 2 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZMDCT03
Description  100A DC immune CT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZMDCT03 Datasheet(HTML) 2 Page - Qingxian Zeming Langxi Electronic Devices

  ZMDCT03 Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 2Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 3Page - Qingxian Zeming Langxi Electronic Devices ZMDCT03 Datasheet HTML 4Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Qingxian Zeming Langxi Electronic
page 2/4
TEL: 86-25-52601870
E-mail: zm@zeming-e.com
1. Specification
Characteristics
Values
Operatingfrequency
50Hz~400Hz
Operatingtemperature
-40℃~85℃
Relativehumidity
≤95%
Ratedprimarycurrent Ip
100A
MaximumprimaryoperatingcurrentImax
120A
TestingcurrentforDCcomponent100A/Root2 <3%
Ratedsecondcurrent
40mA
Transformationratio
2500:1
Usersuppliedburdenresistor
10Ω
Accurateoperatingcurrentrange
5%Ip~Imax
HI-POT(centerODholdtoleadwire) 3000Vrms,1min.
Insulationresistance
>500MΩ/500Vdc
Interturninsulation
100A/1min
Accuracyclass
0.1class
Accuracyclass
Withthepercentage(%)ofIp
5
20 100 120
RatioError(±%) 0.4
0.2 0.1
0.1
PhaseDisplacement(±ˊ) 15
8
5
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com