Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8578U/2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8578U/2
Description  LCD row/column driver for dot matrix graphic displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578U/2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8578U/2 Datasheet HTML 32Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 33Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 34Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 35Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 36Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 37Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 38Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 39Page - NXP Semiconductors PCF8578U/2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
1998 Sep 08
36
Philips Semiconductors
Product specification
LCD row/column driver for dot matrix
graphic displays
PCF8578
15 CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.28 Bonding pad locations.
Chip area: 14.93 mm2.
Bonding pad dimensions: 120
µm × 120 µm.
The numbers given in the small squares refer to the pad numbers.
MBH589
VDD
4.88
mm
3.06 mm
VLCD
V2
OSC
V3
V4
V5
C39
C38
C37
C36
C35
R5
54
R6
R7
R8/C8
R9/C9
R10/C10
R11/C11
R12/C12
R13/C13
R14/C14
R15/C15
R16/C16
R17/C17
R18/C18
R19/C19
R20/C20
R21/C21
R22/C22
x
PCF8578
y
0
0
1
2
3
4
5
6
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com