Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD15PBY99R10X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD15PBY99R10X
Description  D-SUB HD MALE 15pos. SOLDER PIN ANGLED threaded insert,metal bracked,fixing-plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD15PBY99R10X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDD15PBY99R10X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD15PBY99R10X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A951
A3
1
D-SUB HD MALE
SEE NOTES
Gitinow
13.10.11
13.10.11
Fischer
15pos. SOLDER PIN ANGLED
threaded insert,metal bracked,fixing-plate
2:1 (5:1)
6HDD15PAY99R10X
a
Original
6HDD15PAY99R10X
CONEC ABC
16,84 - 0,05
0,2
+
39,4 - 0
0,3
+
O-RING
SEE NOTE 14
SEE NOTE 9
8,26 - 0,03
0,22
+
( 5 : 1 )
SEALING
COMPOUND
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
10°
POS. 11
POS. 6
POS. 1
3
M
4,75
SW
3
M
PRESS FOR FIXING ON PCB
METAL BRACKET
3,3 - 0
0,5
+
6,35 `0,3
FIXING PLATE
25 - 0,13
0,12
+
AT ALL TIMES WATER RESISTANT CONNECTORS NOT
IN USE SHOULD BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
NOTES:
1. FOR WAVESOLDERING (SOLDER BATH TEMPERATURE 240°C FOR 5 SEC.
AND SOLDER PREHEAT 120°C FOR 120 SEC.)
2. METALSHELLS: COPPER ALLOY; min. 315 in TIN over 40-80 in NICKEL
3. INSULATORS: PBT GF UL 94 V-0, BLACK
4. SIGNAL CONTACTS: COPPER ALLOY
PLATING: GOLD FLASH over NICKEL
5. THREADED INSERTS: COPPER ALLOY; min. 200 in TIN over 80 in NICKEL
6. METAL BRACKETS: ZINC DIE CAST; 300 in COPPER/40-120 in NICKEL/120-200 in TIN
7. HEXLOCKING SCREWS: STAINLESS STEEL
8. FIXING PLATE: PBT GF UL 94 V-0, BLACK
9. FRAME: ZINC DIE CAST; NICKEL PLATED
10. O-RING: SILICON; BLUE
11. RUBBER GASKET: TPE
12. P.C.B. HOLE DRILLINGS AND RECOMMENDED PANEL CUT-OUT ON SHEET 2
13. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.40Ncm (3.5 in.LB)
14. CONNECTOR IS PART MARKED: 6HDD15PAY99R10X CONEC ABC
Directive 2002/95/EC RoHS compliant


Similar Part No. - 6HDD15PBY99R10X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDD15PBY99R20X CONEC-6HDD15PBY99R20X Datasheet
291Kb / 2P
D-SUB HD MALE 15pos. SOLDER PIN ANGLED threaded insert,metal bracked,fixing-plate
03.04.12
6HDD15PBY99R30X CONEC-6HDD15PBY99R30X Datasheet
290Kb / 2P
D-SUB HD MALE 15pos. SOLDER PIN ANGLED threaded insert,metal bracked,fixing-plate,snap
02.03.10
6HDD15PBY99R40X CONEC-6HDD15PBY99R40X Datasheet
1Mb / 2P
D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracked, fixing-plate, snap
02.11.11
6HDD15PBY99R40X CONEC-6HDD15PBY99R40X Datasheet
1Mb / 2P
D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracked, fixing-plate, snap
02.11.11
More results

Similar Description - 6HDD15PBY99R10X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A17769X CONEC-163A17769X Datasheet
347Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, PCB snap
19.09.2019
163A17809X CONEC-163A17809X Datasheet
311Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
04.12.2017
163A18229X CONEC-163A18229X Datasheet
100Kb / 1P
D-SUB HD MALE 90º 78pos. SOLDER PIN ANGLED threaded insert,metal bracket, fixing-plate, clip
17.12.2001
164A18219X CONEC-164A18219X Datasheet
281Kb / 1P
D-SUB HD Female 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
24.01.06
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
24-005973 CONEC-24-005973 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-005983 CONEC-24-005983 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-005993 CONEC-24-005993 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-005383 CONEC-24-005383 Datasheet
805Kb / 1P
D-SUB HD C-Filter Male 15pos. solder pin angled 0.350 inch with metal bracket, threaded insert, fixing-plate, PCB snap
01.09.2022
24-005443 CONEC-24-005443 Datasheet
788Kb / 1P
D-SUB HD C-Filter Male 15pos. solder pin angled 0.350 inch with threaded insert, metal bracket and fixing-plate
01.09.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com