Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD15PBY99R40X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD15PBY99R40X
Description  D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracked, fixing-plate, snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD15PBY99R40X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  6HDD15PBY99R40X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD15PBY99R40X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A960
A3
2
P.C.B. HOLE DRILLINGS
SEE SHEET 1
Gitinow
02.11.11
02.11.11
Fischer
PANEL CUT-OUT
D-SUB HD Male 15pos. Solder pin angled 90°
18K1A464
3:1
SEE SHEET 1
a
Original
1
2,286 `0,1
1,143 `0,1
10,287 `0,05
7,674 `0,03
0,9 - 0
0,1
+
n
(15x)
3,1 `0,1
n
(2x)
25 - 0,13
0,12
+
4,826 `0,1
P.C.B. EDGE
FRONTPANEL
P.C.B. HOLE DRILLINGS
( P.C.B. TOP SIDE )
20,5 `0,1
10° `1°
25 `0,1
3,4
R
`
0,1
3
B
A
i 0,26 B
i 0,26 A
RECOMMENDED PANEL CUT-OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com