Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8584 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8584
Description  I2C-bus controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8584 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8584 Datasheet HTML 4Page - NXP Semiconductors PCF8584 Datasheet HTML 5Page - NXP Semiconductors PCF8584 Datasheet HTML 6Page - NXP Semiconductors PCF8584 Datasheet HTML 7Page - NXP Semiconductors PCF8584 Datasheet HTML 8Page - NXP Semiconductors PCF8584 Datasheet HTML 9Page - NXP Semiconductors PCF8584 Datasheet HTML 10Page - NXP Semiconductors PCF8584 Datasheet HTML 11Page - NXP Semiconductors PCF8584 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1997 Oct 21
8
Philips Semiconductors
Product specification
I2C-bus controller
PCF8584
6.3
Set-up registers S0', S2 and S3
Registers S0', S2 and S3 are used for initialization of the
PCF8584 (see Fig.5 ‘Initialization sequence’ flowchart).
6.4
Own address register S0'
When the PCF8584 is addressed as slave, this register
must be loaded with the 7-bit I2C-bus address to which the
PCF8584 is to respond. During initialization, the own
address register S0' must be written to, regardless
whether it is later used. The Addressed As Slave (AAS) bit
in status register S1 is set when this address is received
(the value in S0 is compared with the value in S0'). Note
that the S0 and S0' registers are offset by one bit; hence,
programming the own address register S0' with a value of
55H will result in the value AAH being recognized as the
PCF8584’s slave address (see Fig.1).
Programming of S0' is accomplished via the parallel-bus
when A0 is LOW, with the appropriate bit combinations set
in control status register S1 (S1 is written when
pin A0 = HIGH). Bit combinations for accessing all
registers are given in Table 5. After reset, S0' has default
address 00H (PCF8584 is thus initially in monitor mode,
see Section 6.12.3).
6.5
Clock register S2
Register S2 provides control over chip clock frequency
and SCL clock frequency. S20 and S21 provide a selection
of 4 different I2C-bus SCL frequencies which are shown in
Table 2. Note that these SCL frequencies are only
obtained when bits S24, S23 and S22 are programmed to
the correct input clock frequency (fclk).
Table 2
Register S2 selection of SCL frequency
S22, S23 and S24 are used for control of the internal clock
prescaler. Due to the possibility of varying microcontroller
clock signals, the prescaler can be programmed to adapt
to 5 different clock rates, thus providing a constant internal
clock. This is required to provide a stable time base for the
SCL generator and the digital filters associated with the
I2C-bus signals SCL and SDA. Selection for adaption to
external clock rates is shown in Table 3.
BIT
APPROXIMATE SCL
FREQUENCY fSCL (kHz)
S21
S20
00
90
01
45
10
11
1
1
1.5
Programming of S2 is accomplished via the parallel-bus
when A0 = LOW, with the appropriate bit combinations set
in control status register S1 (S1 is written when
A0 = HIGH). Bit combinations for accessing all registers
are given in Table 5.
Table 3
Register S2 selection of clock frequency
Note
1. X = don’t care.
6.6
Interrupt vector S3
The interrupt vector register provides an 8-bit
user-programmable vector for vectored-interrupt
microcontrollers. The vector is sent to the bus port
(DB7 to DB0) when an interrupt acknowledge signal is
asserted and the ENI (enable interrupt) flag is set. Default
vector values are:
• Vector is ‘00H’ in 80XX mode
• Vector is ‘0FH’ in 68000 mode.
On reset the PCF8584 is in the 80XX mode, thus the
default interrupt vector is ‘00H’.
6.7
Data shift register/read buffer S0
Register S0 acts as serial shift register and read buffer
interfacing to the I2C-bus. All read and write operations
to/from the I2C-bus are done via this register. S0 is a
combination of a shift register and a data buffer; parallel
data is always written to the shift register, and read from
the data buffer. I2C-bus data is always shifted in or out of
shift register S0.
INTERNAL CLOCK FREQUENCY
S24
S23
S22
fclk (MHz)
0X(1)
X(1)
3
1
0
0
4.43
1016
1108
111
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com