Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8564 Datasheet(PDF) 1 Page - Heyco.

Part # M8564
Description  Tite Liquid Tight Cordgrips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

M8564 Datasheet(HTML) 1 Page - Heyco.

  M8564 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
Quick
Specs
3-8
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco
®-Tite Liquid Tight Cordgrips
Right Angle, NPT Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
Patented Fold Over Design
SUGGESTED
CLEARANCE HOLE
FOR NONTHREADED
MOUNTING
PART ACCOMMODATES
CABLE DIAMETERS
SHOWN IN CHART ABOVE
E
B
NPT HUB
C
D
A
F
INTEGRAL SEALING RING
INTEGRAL SEALING RING
Material
Nylon 6/6 w/Buna N or TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E51579
Recognized under Components Program of Underwriters’ Laboratories
File E51579
Certified by Canadian Standard Association File 93876C
Approved for NEMA 4, 4X, 6 and 6P Applications
Flammability Rating
94V-2
Temperature Range
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68 (70 PSI, 5 BAR)
• Cordgrip is molded in the open position
for ease of installation. After cable
insertion, the fitting snaps closed,
bending the cable without damage. This
assembly method saves considerable
time and money.
• Part design provides liquid tight
integrity even in the open position.
• Integral Sealing Ring ensures a
superior seal at the clearance or
threaded mounting hole location,
every time.
• Widest range of approved cable
diameters.
• IP 68 rated.
• Approved for NEMA 4, 4X, 6 and 6P
applications.
• Acme threads on body prevent
skipping and speed installation.
• Multiple sizes for flexible cord
diameters ranging from .065˝ (1,7 mm)
to .450˝ (11,4 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Patented.
• Locknuts not included. For nylon
locknut specifications or to order
locknuts separately, see page 3-47.
• For Heyco Liquid Tight Threaded Plugs,
see page 3-51.
• Consult Heyco for cordgrips molded
in other colors.
CABLE DIA. RANGE
PART NO.
DESCRIPTION
PART DIMENSIONS
AB
C
D
E
F
Black
or
Clearance
Right
Max O.A.
Thread
Sealing
Wrenching
Hole Dia.
Angle
Length
Length
Nut
Nut
Height
(Closed)
Length
Flat Size
in.
mm.
in.
mm.
in. mm.
in.
mm.
in. mm.
in.
mm.
in.
mm.
.065 - .210
1,7 - 5,3
M4560
RLTCG 1/4 90
.540 13,7
.69 17,5 1.67 42,5 .45 11,4
.86 22,0 .63
16,0
.115 - .250
2,9 - 6,4
M4562
LTCG 1/4 90
.065 - .230
1,7 - 5,8
M8560
RLTCG 3/8 90
.680 17,3
.88 22,3 1.93 48,9 .49 12,4 1.07 27,1 .82
20,8
.105 - .315
2,7 - 8,0
M8562
LTCG 3/8 90
.095 - .290
2,4 - 7,4
M4564
RLTCG 1/2 90
.875 22,2 1.06 26,9 2.41 61,2 .61 15,5 1.38 35,1 .98
24,9
.170 - .450
4,3 - 11,4
M8564
LTCG 1/2 90
Standard color black.
NO O-RING
REQUIRED!


Similar Part No. - M8564

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M85 MACOM-M85 Datasheet
135Kb / 2P
DOUBLE-BALANCED MIXER
M85 MACOM-M85 Datasheet
467Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M85 MA-COM-M85 Datasheet
1Mb / 3P
Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
1Mb / 3P
Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
672Kb / 4P
Double-Balanced Mixer
More results

Similar Description - M8564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3231 ETC-M3231 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
M5062 ETC-M5062 Datasheet
152Kb / 1P
Heyco짰-Tite Aluminum Liquid Tight Cordgrips
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com