Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC300 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC300 Datasheet HTML 1Page - Zetex Semiconductors ZXSC300 Datasheet HTML 2Page - Zetex Semiconductors ZXSC300 Datasheet HTML 3Page - Zetex Semiconductors ZXSC300 Datasheet HTML 4Page - Zetex Semiconductors ZXSC300 Datasheet HTML 5Page - Zetex Semiconductors ZXSC300 Datasheet HTML 6Page - Zetex Semiconductors ZXSC300 Datasheet HTML 7Page - Zetex Semiconductors ZXSC300 Datasheet HTML 8Page - Zetex Semiconductors ZXSC300 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATING
ZXSC300
ISSUE 3 - NOVEMBER 2006
2
Supply Voltage
-0.3 to 10V
Maximum Voltage Other Pins -0.3 to VCC+0.3V
Power Dissipation
450mW
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 150°C
ELECTRICAL CHARACTERISTICS: Test conditions unless otherwise stated: VCC=1.5V, TAMB=25°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
η
Efficiency
1
94
%
VCC
Recommended
supply voltage range
0.8
8
V
VCC(min)
Minimum startup
and operating
voltage
IDRIVE=-600µA, VDRIVE=0.7V
IDRIVE=-600µA, VDRIVE=0.7V,
TAMB=-10°C
3
0.8
0.9
0.92
V
IQ
Quiescent current
2
0.2
mA
IVDRIVE
Base drive current
VDRIVE =0.7V, VISENSE =0V
1.5
3.6
mA
ICC
Supply current
3
VDRIVE =0.7V, VISENSE =0V
2
4
mA
VVDRIVE(high)
High level drive
voltage
VISENSE =0V, IVDRIVE =-0.5mA
VCC-0.3
VCC
V
VVDRIVE(low)
Low level drive
voltage
VISENSE =50mV, IVDRIVE =5mA
0
0.2
V
VISENSE
(threshold)
Output current
reference voltage
14
19
24
mV
TCVISENSE
ISENSE
voltage temp co.
2
0.4
%/°C
IISENSE
ISENSE input current
VISENSE =0V
0
-30
-65
µA
TDRV
Discharge pulse width
1.2
1.7
3.2
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
FOSC
Recommended operating frequency
4
200
kHz
1 Application dependent, see reference designs.
2 These parameters guaranteed by design and characterisation
3 Total supply current =IQ + IVDRIVE, see typical characteristics
4 Operating frequency is application circuit dependent. See applications section.
OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com