Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES05ZC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES05ZC
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05ZC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES05ZC Datasheet HTML 1Page - Balluff Korea Ltd. BES05ZC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES 516-200-S8/1.250"-S5
Order Code: BES05ZC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 283173
ETIM 6.0: EC002714
BES05ZC_0.26_2024-01-25
1 / 2
L = Length
Basic features
Approval/Conformity
CE
cULus
UKCA
WEEE
Scope of delivery
O-ring Ø17.13x2.62
Hexagon socket screw UNC 1/4"-
20x3/4"- 12.9 (2x)
Display/Operation
Function indicator
LED red
Power indicator
Green LED
Electrical connection
Connection
7/8"-16 UN-Male, 3-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Min. operating current Im
8 mA
Operating voltage Ub
20...250 VDC/20...250 VAC
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
300 mA
Rated operating voltage Ue AC
110 V
Rated short circuit current
10 A
Ready delay tv max.
100 ms
Residual current Ir max.
1700 µA
Switching frequency
20 Hz
Utilization category
AC-140
DC -13
Voltage drop static max.
7 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
IP rating
IP67
Functional safety
MTTF (40 °C)
1020 a
Interface
Switching output
normally open (NO)


Similar Part No. - BES05ZC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05Z0 BALLUFF-BES05Z0 Datasheet
110Kb / 2P
Inductive Sensors
0.23_2022-05-17
BES05Z1 BALLUFF-BES05Z1 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z2 BALLUFF-BES05Z2 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z3 BALLUFF-BES05Z3 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z4 BALLUFF-BES05Z4 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
More results

Similar Description - BES05ZC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com