Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC310 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXSC310
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC310 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXSC310 Datasheet HTML 1Page - Zetex Semiconductors ZXSC310 Datasheet HTML 2Page - Zetex Semiconductors ZXSC310 Datasheet HTML 3Page - Zetex Semiconductors ZXSC310 Datasheet HTML 4Page - Zetex Semiconductors ZXSC310 Datasheet HTML 5Page - Zetex Semiconductors ZXSC310 Datasheet HTML 6Page - Zetex Semiconductors ZXSC310 Datasheet HTML 7Page - Zetex Semiconductors ZXSC310 Datasheet HTML 8Page - Zetex Semiconductors ZXSC310 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FMMT618
For the circuits described in the applications section
Zetex FMMT618 is the recommended pass transistor.
ZHCS1000
For the maximum brightness circuit described in the
applications section Zetex ZHCS1000 is the
recommended Schottky diode.
The following indicates outline data for the device,
more detailed information can be found in the Zetex
surface mount products data book or on Zetex Web
page: www.zetex.com
The following indicates outline data for the ZHCS,
more detailed information can be found on Zetex Web
page: www.zetex.com
ZXSC310
ISSUE 2 - MARCH 2004
SEMICO NDUC TORS
3
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CE(sat)
Collector-Emitter
Saturation Voltage
5
I
C=0.1A, IB=10mA
I
C=1A, IB=10mA
I
C=2.5A, IB=50mA
8
70
130
15
150
200
mV
V
(BR)CEO
Collector-Emitter
Breakdown Voltage
5
I
C=10mA
20
27
V
ELECTRICAL CHARACTERISTICS:
Test conditions unless otherwise stated: TAMB=25 C
5 Measured under pulse conditions. Pulse width=300µs. Duty cycle 2%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
F
Forward voltage
I
F = 500mA
I
F =1A
400
500
mV
t
rr
Reverse Recovery Time
Switched from I
F=500mA to
I
R=500mA.
Measured at I
R=50mA
12
ns
I
R
Reverse Current
V
R = 30V
50
100
µA
ELECTRICAL CHARACTERISTICS:
Test conditions unless otherwise stated: TAMB=25 C
Part
Number
V
R
I
F
I
FSM
V
F at
I
R at
Capacitance
at V
R = 25V, f = 1MHz
Package
Max.
V
Max.
mA
Max.
A
Max.
mV
I
F
mA
Max.
A
V
R
V
Typ.
pF
SOT23
BAT54
30
200
0.6
500
30
250
25
10
SOT23-6
ZHCS2000
40
2000
20
500
2000
1000
30
60
SOT23
ZHCS1000
40
1000
12
500
1000
100
30
25
SOT23
ZHCS750
40
750
12
540
750
100
30
25
SOT23
ZHCS500
40
500
6.75
550
500
40
30
20
SOT23
ZHCS400
40
400
6.75
500
400
40
30
20
SOT323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com