Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC380FH Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC380FH
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC380FH Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC380FH Datasheet HTML 1Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 2Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 3Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 4Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 5Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 6Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 7Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 8Page - Zetex Semiconductors ZXSC380FH Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXSC380
Issue 1 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Supply voltage (VCC)
-0.6V to 10V
Output voltage (VOUT)
-0.6V to 20V
Supply current
20mA
Output switch current
200mA
Power dissipation SOT23-3
450mW
Power dissipation die
1W
Operating temperature range
0°C to +85°C
Storage temperature range
-55°C to +150°C
Electrical characteristics
Measured at Tamb = 25°C, L = 100 H and VCC = 1.5V unless otherwise specified.
Pin descriptions
Pin descriptions
Ordering information
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
Supply voltage operating range
0.8
6
V
Minimum supply start-up voltage
0.9
1.0
V
Switch current
VOUT = 1.0V
65
80
95
mA
Switch saturation voltage
IVOUT = 50mA
0.3
0.5
V
Mean LED current
VLED = 3.5V
18
mA
Efficiency
VLED = 3.5V
75
%
Operating frequency
VLED = 3.5V
160
kHz
Discharge pulse width
1.4
2.2
3.0
s
Pin No.
Name
Description
1VCC
Supply voltage, generally Alkaline, NiMH or NiCd single cell
2
GND
Ground
3VOUT
Switch output external inductor/LED
Device
Package
Part Mark
ZXSC380FH
SOT23
380
VCC
VOUT
GND
Top view
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com