Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8591 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8591
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8591 Datasheet HTML 13Page - NXP Semiconductors PCF8591 Datasheet HTML 14Page - NXP Semiconductors PCF8591 Datasheet HTML 15Page - NXP Semiconductors PCF8591 Datasheet HTML 16Page - NXP Semiconductors PCF8591 Datasheet HTML 17Page - NXP Semiconductors PCF8591 Datasheet HTML 18Page - NXP Semiconductors PCF8591 Datasheet HTML 19Page - NXP Semiconductors PCF8591 Datasheet HTML 20Page - NXP Semiconductors PCF8591 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1998 Jul 02
17
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
11 DC CHARACTERISTICS
VDD = 2.5 V to 6 V; VSS =0V; Tamb = −40 °Cto +85 °C unless otherwise specified.
Notes
1. The power on reset circuit resets the I2C-bus logic when VDD is less than VPOR.
2. A further extension of the range is possible, if the following conditions are fulfilled:
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage (operating)
2.5
−
6.0
V
IDD
supply current
standby
VI =VSS or VDD; no load
−
115
µA
operating, AOUT off
fSCL = 100 kHz
−
125
250
µA
operating, AOUT active
fSCL = 100 kHz
−
0.45
1.0
mA
VPOR
Power-on reset level
note 1
0.8
−
2.0
V
Digital inputs/output: SCL, SDA, A0, A1, A2
VIL
LOW level input voltage
0
−
0.3
× VDD V
VIH
HIGH level input voltage
0.7
× VDD −
VDD
V
IL
leakage current
A0, A1, A2
VI =VSS to VDD
−250
−
+250
nA
SCL, SDA
VI =VSS to VDD
−1
−
+1
µA
Ci
input capacitance
−−
5pF
IOL
LOW level SDA output current VOL = 0.4 V
3.0
−−
mA
Reference voltage inputs
VREF
reference voltage
VREF >VAGND; note 2
VSS + 1.6 −
VDD
V
VAGND
analog ground voltage
VREF >VAGND; note 2
VSS
−
VDD − 0.8 V
ILI
input leakage current
−250
−
+250
nA
RREF
input resistance
pins VREF and AGND
−
100
−
k
Ω
Oscillator: OSC, EXT
ILI
input leakage current
−−
250
nA
fOSC
oscillator frequency
0.75
−
1.25
MHz
V
REF
V
AGND
+
2
--------------------------------------
0.8V
≥
V
DD
V
REF
V
AGND
+
2
--------------------------------------
–
0.4V
≥
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com