Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20003 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH20003
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH20003 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH20003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH20003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTH20003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6041
eq STTH20003
Ultrafast Recovery Diode
www.iscsemi.com
1
FEATURES
·
Ultrafast, soft and noise-free recovery
·
Combines highest recovery and reverse
voltage performance
·
low inductance and low capacitance allow
simpler layout
APPLICATIONS
·
Freewheeling,Snubber,Clamp
·
Inversion Welder
·
PFC
·
Plating Power Supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(RMS)
RMS forward current
180
A
IF(AV)
Average Rectified Forward Current,
δ
= 0.5
TC= 110℃
100
A
TC= 90℃
200
IFSM
Non-Repetitive Surge Forward Current
t=10ms,
sinusoidal
1000
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - STTH20003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20003 STMICROELECTRONICS-STTH20003 Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
logo
Inchange Semiconductor ...
STTH20003TV ISC-STTH20003TV Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
More results

Similar Description - STTH20003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com